| データシートサーチシステム |
|
LM5111 データシート(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM5111 データシート(HTML) 18 Page - Texas Instruments |
|
18 / 30 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM5111-1M/NOPB Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 125 5111 -1M LM5111-1MX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 5111 -1M LM5111-1MX/NOPB.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 5111 -1M LM5111-1MX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 5111 -1M LM5111-1MY/NOPB Active Production HVSSOP (DGN) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM - SJKB LM5111-1MY/NOPB.A Active Production HVSSOP (DGN) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SJKB LM5111-1MY/NOPB.B Active Production HVSSOP (DGN) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SJKB LM5111-1MYX/NOPB Active Production HVSSOP (DGN) | 8 3500 | LARGE T&R Yes SN Level-1-260C-UNLIM - SJKB LM5111-1MYX/NOPB.A Active Production HVSSOP (DGN) | 8 3500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SJKB LM5111-1MYX/NOPB.B Active Production HVSSOP (DGN) | 8 3500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SJKB LM5111-2M/NOPB Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 125 5111 -2M LM5111-2MX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 5111 -2M LM5111-2MX/NOPB.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 5111 -2M LM5111-2MX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 5111 -2M LM5111-2MY/NOPB Active Production HVSSOP (DGN) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM - SJLB LM5111-2MY/NOPB.A Active Production HVSSOP (DGN) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SJLB LM5111-2MY/NOPB.B Active Production HVSSOP (DGN) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SJLB LM5111-2MYX/NOPB Active Production HVSSOP (DGN) | 8 3500 | LARGE T&R Yes SN Level-1-260C-UNLIM - SJLB LM5111-2MYX/NOPB.A Active Production HVSSOP (DGN) | 8 3500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SJLB LM5111-2MYX/NOPB.B Active Production HVSSOP (DGN) | 8 3500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SJLB LM5111-3MX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 5111 -3M LM5111-3MX/NOPB.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 5111 -3M Addendum-Page 1 |