| データシートサーチシステム |
|
LP339DRG4 データシート(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP339DRG4 データシート(HTML) 1 Page - Texas Instruments |
|
1 / 15 page ![]() The LP239 is obsolete and is no longer supplied. LP239, LP339, LP2901 LOW POWER QUAD DIFFERENTIAL COMPARATORS SLCS004B − OCTOBER 1987 − REVISED SEPTEMBER 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Wide Supply-Voltage Range ...3 V to 30 V D Ultralow Power Supply Current Drain ...60 µA Typ D Low Input Biasing Current ...3 nA D Low Input Offset Current . . . ±0.5 nA D Low Input Offset Voltage . . . ±2 mV D Common-Mode Input Voltage Includes Ground D Output Voltage Compatible With MOS and CMOS Logic D High Output Sink-Current Capability (30 mA at VO = 2V) D Power Supply Input Reverse-Voltage Protected D Single-Power-Supply Operation D Pin-for-Pin Compatible With LM239, LM339, LM2901 description/ordering information The LP239, LP339, LP2901 are low-power quadruple differential comparators. Each device consists of four independent voltage comparators designed specifically to operate from a single power supply and typically to draw 60- µA drain current over a wide range of voltages. Operation from split power supplies also is possible and the ultra-low power-supply drain current is independent of the power-supply voltage. Applications include limit comparators, simple analog-to-digital converters, pulse generators, squarewave generators, time-delay generators, voltage-controlled oscillators, multivibrators, and high-voltage logic gates. The LP239, LP339, LP2901 were designed specifically to interface with the CMOS logic family. The ultra-low power-supply current makes these products desirable in battery-powered applications. The LP239 is characterized for operation from −25 °C to 85°C. The LP339 is characterized for operation from 0 °C to 70°C. The LP2901 is characterized for operation from −40°C to 85°C. ORDERING INFORMATION TA VIOMAX AT 25 °C PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (N) Tube of 25 LP339N LP339N 0 °C to 70°C ±5 mV SOIC (D) Tube of 50 LP339D LP339 0 C to 70 C ±5 mV SOIC (D) Reel of 2500 LP339DR LP339 PDIP (N) Tube of 25 LP2901N LP2901N −40 °C to 85°C ±5 mV SOIC (D) Tube of 50 LP2901D LP2901 −40 C to 85 C 5 mV SOIC (D) Reel of 2500 LP2901DR LP2901 † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 2OUT VCC 2IN − 2IN + 1IN − 1IN + 3OUT 4OUT GND 4IN + 4IN − 3IN + 3IN − D OR N PACKAGE (TOP VIEW) Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. |
同様の部品番号 - LP339DRG4 |
|
同様の説明 - LP339DRG4 |