| データシートサーチシステム |
|
M68HC08 データシート(PDF) 33 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 データシート(HTML) 33 Page - Freescale Semiconductor, Inc |
|
33 / 172 page ![]() FLASH Block Protect Register MC68HC908JL3E Family Data Sheet, Rev. 3 Freescale Semiconductor 33 and so on... $DE or $DF (1101 111x) $FBC0 (1111 1011 1100 0000) $FE (1111 1110) $FFC0 (1111 1111 1100 0000) $FF The entire FLASH memory is not protected. Note: The end address of the protected range is always $FFFF. BPR[7:0] Start of Address of Protect Range |