| データシートサーチシステム |
|
CLIP 01 データシート(PDF) 3 Page - ABL Aluminium Components Ltd |
|
|
|||||||||||||||||||||||||||||
CLIP 01 データシート(HTML) 3 Page - ABL Aluminium Components Ltd |
|
3 / 6 page ![]() FOR CED AIR COOLING EXAMPLE This graph may be used as a guide to determine the Thermal resistance of any extruded section with forced convection. The thermal resistance of a heatsink is 0.35ºC/W assume the heatsink is placed in a air velocity of 4m/s. Then 0.35ºC/W x 0.3 becomes 0.105ºC/W approx. 1.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 234 5 6 AIR VELOCITY Meters/Second (m/s) Performance figures are shown as an indication of a heatsinks actual performance. It is recommended that the effectiveness of any heatsink is tested in the specific operating environment in which it will be subjected 4 PRINT INDEX |