データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PPB データシート(PDF) 3 Page - ABL Aluminium Components Ltd

部品番号 PPB
部品情報  HEATSINK SELECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABL [ABL Aluminium Components Ltd]
ホームページ  https://www.ablcomponents.co.uk/
Logo ABL - ABL Aluminium Components Ltd

PPB データシート(HTML) 3 Page - ABL Aluminium Components Ltd

  PPB Datasheet HTML 1Page - ABL Aluminium Components Ltd PPB Datasheet HTML 2Page - ABL Aluminium Components Ltd PPB Datasheet HTML 3Page - ABL Aluminium Components Ltd PPB Datasheet HTML 4Page - ABL Aluminium Components Ltd PPB Datasheet HTML 5Page - ABL Aluminium Components Ltd PPB Datasheet HTML 6Page - ABL Aluminium Components Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FOR CED AIR COOLING
EXAMPLE
This graph may be used as a guide to determine the Thermal resistance of any extruded section with forced
convection.
The thermal resistance of a heatsink is 0.35ºC/W assume the heatsink is placed in a air velocity of 4m/s. Then
0.35ºC/W x 0.3 becomes 0.105ºC/W approx.
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
234
5
6
AIR VELOCITY Meters/Second (m/s)
Performance figures are shown as an indication of a heatsinks actual performance. It is recommended that the effectiveness of any
heatsink is tested in the specific operating environment in which it will be subjected
4
PRINT
INDEX



Html Pages

1 2 3 4 5 6