| データシートサーチシステム |
|
LP8553TLX/NOPB データシート(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP8553TLX/NOPB データシート(HTML) 30 Page - Texas Instruments |
|
30 / 41 page ![]() LP8553 SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014 www.ti.com Programming sequence (program data permanently from registers to NVM): 1. Turn on the chip by writing BL_CTL bit to 1 and BRT_MODE[1:0] to 10b (05h to address 01h) 2. Write data to EEPROM registers (address A0h…A7h). 3. Write EE_INIT to 1 in address 72h. (04h to address 72h). 4. Write EE_PROG to 1 and EE_INIT to 0 in address 72h. (02h to address 72h). 5. Wait 200 ms. 6. Write EE_PROG to 0 in address 72h. (00h to address 72h). Read sequence (load data from NVM to registers): 1. Turn on the chip by writing BL_CTL bit to 1 and BRT_MODE[1:0] to 10b (05h to address 01h). 2. Write EE_INIT to 1 in address 72h. (04h to address 72h). 3. Write EE_READ to 1 and EE_INIT to 0 in address 72h. (01h to address 72h). 4. Wait 200 ms. 5. Write EE_READ to 0 in address 72h. (00h to address 72h). Note: Data written to EEPROM registers is effective immediately even if the EEPROM programming sequence has not been done. When power is turned off, the device will however lose the data if it is not programmed to the NVM. During startup device automatically loads the data from NVM to registers. NOTE EEPROM NVM can be programmed or read by customer for bench validation. Programming for production devices should be done in TI production test, where appropriate checks will be performed to confirm EEPROM validity. Writing to EEPROM Control register of production devices (for burning or reading EEPROM) is not recommended. If special EEPROM configuration is required, please contact the TI Sales Office for availability. EEPROM Bit Explanations EEPROM Default Values ADDR Default value A0h 0111 1111 A1h 1111 0101 A2h 1011 1111 A3h 0111 1011 A4h 0010 1000 A5h 0100 1111 A6h 0110 0100 A7h 0010 1101 30 Submit Documentation Feedback Copyright © 2011–2014, Texas Instruments Incorporated Product Folder Links: LP8553 |