| データシートサーチシステム |
|
LPC2917 データシート(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2917 データシート(HTML) 34 Page - NXP Semiconductors |
|
34 / 68 page ![]() LPC2917_19_1 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 1.01 — 15 November 2007 34 of 68 NXP Semiconductors LPC2917/19 ARM9 microcontroller with CAN and LIN 8.7.3 MSCSS pin description The pins of the LPC2917/19 MSCSS associated with the two ADC modules are described in Section 8.7.5.3. Pins directly connected to the four PWM modules are described in Section 8.7.6.5: pins directly connected to the MSCSS timer 1 module are described in Section 8.7.7.3. 8.7.4 MSCSS clock description The MSCSS is clocked from a number of different sources: (1) Timers: c0 to c3 = capture in 0 to capture in 3 m0 to m3 = match out 0 to match out 3 (2) ADCs: st0 to st3 = start 0 to start 3 inputs s0 to s3 = sync_out 0 to sync_out 3 (3) PWMs: c_i = carrier in s_i = sync_in s_o = sync_out TE_i = trans_enable_in TE_o = trans_enable_out Fig 8. Modulation and sampling-control subsystem synchronization and triggering 002aad347 MSCSS PAUSE PWM0 TRAP PWM1 TRAP PWM2 TRAP PWM3 TRAP ADC2_EXT_START pause_0 pause_0 so2 so1 so0 MSCSS(1) TIMER 0 MSCSS(1) TIMER 1 ADC1_EXT_START c0 c1 c2 c3 m0 pause m1 m2 m3 c0 c1 c2 c3 m0 pause m1 m2 m3 st0 so ADC1(2) st1 st2 st3 st0 so ADC2(2) st1 st2 st3 s_i s_o TE_o PWM0(3) TE_i c_i trap s_i s_o TE_o PWM1(3) TE_i c_i trap s_i s_o TE_o PWM2(3) TE_i c_i trap s_i s_o TE_o PWM3(3) TE_i c_i trap |