| データシートサーチシステム |
|
PS5R-VC データシート(PDF) 4 Page - IDEC Corporation |
|
|
|||||||||||||||||||||||||||||
PS5R-VC データシート(HTML) 4 Page - IDEC Corporation |
|
4 / 8 page ![]() 4 Operating Temperature Approved by Safety Standards Part Number UL508, CSA C22.2 No.107.1, ANSI/ISA12.12.01, EN60950-1, EN50178 Mounting A Mounting B Mounting C Mounting D Mounting E Mounting F PS5R-VB05, -VB12, -VB24 65 60 60 60 60 60 PS5R-VC12 50 45 45 45 45 45 PS5R-VC24 55 55 50 45 45 45 PS5R-VD24 55 40 40 40 45 35 PS5R-VE24 50 40 40 40 45 40 PS5R-VF24 55 40 45 40 45 35 PS5R-VG24 50 35 30 30 45 30 MOUNTING STYLE Mounting A (Vertical, standard) Mounting B (Upright) Mounting C (Right side up) Mounting D (Left side up) Mounting E (Upside down) Mounting F (Downward) Up FRONT PANEL PS5R-VB/VC PS5R-VD/VE/VF PS5R-VG Marking Name Description L, N AC Input Terminal Voltage range: 85 to 264V AC/100 to 370V DC Ground Terminal Be sure to connect this terminal to a proper ground. +V, -V DC Output Terminals +V: Positive output terminal -V: Negative output terminal VR.ADJ Output Voltage Adjustment Allows adjustment within ±10%. (VE = ±5%) Turning clockwise increases the output voltage. Turning counterclockwise decreases the output voltage. DC ON Operation Indicator (green) Illuminates when the output voltage is on. 100 -240 VAC INP UT VR. ADJ ON O UTP UT L INPUT 50/60Hz VR. ADJ DC ON N -V OUTPUT +V ACCESSORIES Panel Mounting Bracket2 Applicable Switching Power Supply Part Number Remarks PS5R-VB PS5R-VC PS9Z-5R1B — PS9Z-5R2B For side mounting PS5R-VD PS5R-VE PS9Z-5R1C — PS5R-VF PS9Z-5R1E — PS5R-VG PS9Z-6R1F — PS9Z-6R2F For side mounting Note 2: Used when installing on a panel directly. DIN Rail (35mm-wide) Length Part Number Material 1000mm BNDN1000 Aluminum End Clip Part Number BNL6 BNL8 |