| データシートサーチシステム |
|
PCM1609APT.B データシート(PDF) 44 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM1609APT.B データシート(HTML) 44 Page - Texas Instruments |
|
44 / 47 page ![]() www.ti.com PACKAGE OUTLINE 0.25 GAGE PLANE 0 -7 7.2 6.8 7.2 6.8 9.2 8.8 4X 5.5 44X 0.5 9.2 8.8 48X 0.27 0.17 1.6 MAX 0.05 MIN 1.45 1.35 0.75 0.45 LQFP - 1.6 mm max height PT0048A LOW PROFILE QUAD FLATPACK 4215159/B 11/2023 0.1 C NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. Reference JEDEC registration MS-026. 4. This may also be a thermally enhanced plastic package with leads conected to the die pads. 0.08 C A B SEATING PLANE SEE DETAIL A A15.000 DETAIL A SCALE 2.000 A B C |