データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN9252TV/ML データシート(PDF) 32 Page - Microchip Technology

部品番号 LAN9252TV/ML
部品情報  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML データシート(HTML) 32 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 28Page - Microchip Technology LAN9252TV/ML Datasheet HTML 29Page - Microchip Technology LAN9252TV/ML Datasheet HTML 30Page - Microchip Technology LAN9252TV/ML Datasheet HTML 31Page - Microchip Technology LAN9252TV/ML Datasheet HTML 32Page - Microchip Technology LAN9252TV/ML Datasheet HTML 33Page - Microchip Technology LAN9252TV/ML Datasheet HTML 34Page - Microchip Technology LAN9252TV/ML Datasheet HTML 35Page - Microchip Technology LAN9252TV/ML Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 329 page
background image
LAN9252
DS00001909A-page 32
 2015 Microchip Technology Inc.
5.0
REGISTER MAP
This chapter details the device register map and summarizes the various directly addressable System Control and Sta-
tus Registers (CSRs). Detailed descriptions of the System CSRs are provided in the chapters corresponding to their
function. Additional indirectly addressable registers are available in the various sub-blocks of the device. These regis-
ters are also detailed in their corresponding chapters.
Directly Addressable Registers
• Section 12.13, "EtherCAT CSR and Process Data RAM Access Registers (Directly Addressable)," on page 214
• Section 5.1, "System Control and Status Registers," on page 34
Indirectly Addressable Registers
• Section 11.2.16, "PHY Registers," on page 142
• Section 12.14, "EtherCAT Core CSR Registers (Indirectly Addressable)," on page 223
Figure 5-1 contains an overall base register memory map of the device. This memory map is not drawn to scale, and
should be used for general reference only. Table 5-1 provides a summary of all directly addressable CSRs and their
corresponding addresses.
Note:
Register bit type definitions are provided in Section 1.3, "Register Nomenclature," on page 7.
Not all device registers are memory mapped or directly addressable. For details on the accessibility of the
various device registers, refer the register sub-sections listed above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More