データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN9252T/ML データシート(PDF) 192 Page - Microchip Technology

部品番号 LAN9252T/ML
部品情報  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252T/ML データシート(HTML) 192 Page - Microchip Technology

Back Button LAN9252T/ML Datasheet HTML 188Page - Microchip Technology LAN9252T/ML Datasheet HTML 189Page - Microchip Technology LAN9252T/ML Datasheet HTML 190Page - Microchip Technology LAN9252T/ML Datasheet HTML 191Page - Microchip Technology LAN9252T/ML Datasheet HTML 192Page - Microchip Technology LAN9252T/ML Datasheet HTML 193Page - Microchip Technology LAN9252T/ML Datasheet HTML 194Page - Microchip Technology LAN9252T/ML Datasheet HTML 195Page - Microchip Technology LAN9252T/ML Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 329 page
background image
LAN9252
DS00001909A-page 192
 2015 Microchip Technology Inc.
11.2.16.37 PHY x Vendor Specific MMD 1 Devices Present 2 Register
(PHY_VEND_SPEC_MMD1_PRESENT2_x)
Index (In Decimal): 30.6
Size:
16 bits
Bits
Description
Type
Default
15
Vendor Specific Device 2 Present
0 = Vendor specific device 2 not present in package
1 = Vendor specific device 2 present in package
RO
0b
14
Vendor Specific Device 1 Present
0 = Vendor specific device 1 not present in package
1 = Vendor specific device 1 present in package
RO
1b
13
Clause 22 Extension Present
0 = Clause 22 extension not present in package
1 = Clause 22 extension present in package
RO
0b
12:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More