データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN9252/PT データシート(PDF) 14 Page - Microchip Technology

部品番号 LAN9252/PT
部品情報  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/PT データシート(HTML) 14 Page - Microchip Technology

Back Button LAN9252/PT Datasheet HTML 10Page - Microchip Technology LAN9252/PT Datasheet HTML 11Page - Microchip Technology LAN9252/PT Datasheet HTML 12Page - Microchip Technology LAN9252/PT Datasheet HTML 13Page - Microchip Technology LAN9252/PT Datasheet HTML 14Page - Microchip Technology LAN9252/PT Datasheet HTML 15Page - Microchip Technology LAN9252/PT Datasheet HTML 16Page - Microchip Technology LAN9252/PT Datasheet HTML 17Page - Microchip Technology LAN9252/PT Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 329 page
background image
LAN9252
DS00001909A-page 14
 2015 Microchip Technology Inc.
3.2
64-TQFP-EP Pin Assignments
.
FIGURE 3-2:
64-TQFP-EP PIN ASSIGNMENTS (TOP VIEW)
Note:
When an “#” is used at the end of the signal name, it indicates that the signal is active low. For example,
RST# indicates that the reset signal is active low.
The buffer type for each signal is indicated in the “Buffer Type” column of the pin description tables in Sec-
tion 3.3, "Pin Descriptions". A description of the buffer types is provided in Section 1.2, "Buffer Types".
Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field.
(Connect exposed pad to ground with a via field)
VS S
LAN9252
64-TQFP-EP
(To p V i e w )
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
CS/DIGIO13/GPI13/GPO13/MII_RXD1
A1/ALELO/OE_EXT/MII_CLK25
D11/AD11/DIGIO5/GPI5/GPO5/MII_TXD0
D12/AD12/DIGIO6/GPI6/GPO6/MII_TXD1
VDDIO
D9/AD9/LATCH_IN/SCK
A2/ALEHI/DIGIO10/GPI10/GPO10/
LINKACTLED2/MII_LINKPOL
VDDCR
D10/AD10/DIGIO4/GPI4/GPO4/MII_TXEN
A3/DIGIO11/GPI11/GPO11/MII_RXDV
A4/DIGIO12/GPI12/GPO12/MII_RXD0
WR/ENB/DIGIO14/GPI14/GPO14/MII_RXD2
D0/AD0/WD_STATE/SI/SIO0
SYNC1/LATCH1
VDDIO
RD/RD_WR/DIGIO15/GPI15/GPO15/MII_RXD3
RBIAS
VDD12TX1
VDD33TXRX1
VDD33BIAS
RXPA
TXNA
TXPA
RXNA
VDD12TX2
RXPB
RXNB
TXPB
D5/AD5/OUTVALID/SCS#
D4/AD4/DIGIO3/GPI3/GPO3/MII_LINK
TXNB
VDD33TXRX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More