データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCM1801U/2K データシート(PDF) 2 Page - Texas Instruments

部品番号 PCM1801U/2K
部品情報  SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1801U/2K データシート(HTML) 2 Page - Texas Instruments

  PCM1801U/2K Datasheet HTML 1Page - Texas Instruments PCM1801U/2K Datasheet HTML 2Page - Texas Instruments PCM1801U/2K Datasheet HTML 3Page - Texas Instruments PCM1801U/2K Datasheet HTML 4Page - Texas Instruments PCM1801U/2K Datasheet HTML 5Page - Texas Instruments PCM1801U/2K Datasheet HTML 6Page - Texas Instruments PCM1801U/2K Datasheet HTML 7Page - Texas Instruments PCM1801U/2K Datasheet HTML 8Page - Texas Instruments PCM1801U/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
PACKAGE
ORDERING
TRANSPORT
QUANTITY
TYPE
CODE
MARKING
NUMBER
MEDIA
PCM1801U
Rails
56
PCM1801U
14-pin SOIC
D
PCM1801U
PCM1801U/2K
Tape and reel
2000
Supply voltage: VDD, VCC
–0.3 V to 6.5 V
Supply voltage differences: VDD, VCC
±0.1 V
GND voltage differences: AGND, DGND
±0.1 V
Digital input voltage
–0.3 V to (VDD + 0.3 V), < 6.5 V
Analog input voltage
–0.3 V to (VCC + 0.3 V), < 6.5 V
Input current (any pin except supplies)
±10 mA
Power dissipation
300 mW
Operating temperature range
–25
°C to 85°C
Storage temperature
–55
°C to 125°C
Lead temperature, soldering
260
°C, 5 s
Package temperature (IR reflow, peak)
235
°C
over operating free-air temperature range
MIN
NOM
MAX
UNIT
Analog supply voltage, VCC
4.5
5
5.5
V
Digital supply voltage, VDD
4.5
5
5.5
V
Analog input voltage, full-scale (–0 dB)
2.828
Vp-p
Digital input logic family
TTL
System clock
8.192
24.576
MHz
Digital input clock frequency
Sampling clock
32
48
kHz
Digital output load capacitance
10
pF
Operating free-air temperature, TA
–25
85
°C
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25