| データシートサーチシステム |
|
PCM3000E/2K.B データシート(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM3000E/2K.B データシート(HTML) 34 Page - Texas Instruments |
|
34 / 44 page ![]() www.ti.com APPLICATION INFORMATION APPLICATION AND LAYOUT CONSIDERATIONS TYPICAL CONNECTION 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 470 pF 470 pF + 4.7 µF 4.7 µF + 2.2 µF(2) + 2.2 µF(2) + 10 to 33 pF 4.7 µF + Register Control Interface Reference Bias Analog Front-End Decimation Filter Interpolation Filter LPF and Buffer Digital Audio Interface CLK/OSC Manager Delta-Sigma Delta-Sigma Post Low-Pass Filter (1) (1) (1) Serial Control or Format Control Digital Audio Data Reset Line In Left-Channel +5V Line In Right-Channel Line Out Right-Channel Line Out Left-Channel S0018-01 Post Low-Pass Filter Analog Front-End LPF and Buffer POWER SUPPLY BYPASSING PCM3000 PCM3001 SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004 A typical connection diagram for the PCM3000/3001 is shown in Figure 34. (1) Bypass capacitor = 0.1 µF and 10 µF. (2) The input capacitor affects the pole of the HPF. Example: 2.2 µF sets the cutoff frequency to 4.8 Hz, with a 66-ms time constant. Figure 34. Typical Connection Diagram for PCM3000/3001 The digital and analog power-supply lines to the PCM3000/3001 should be bypassed to the corresponding ground pins with both 0.1- µF ceramic and 10-µF tantalum capacitors as close to the device pins as possible to maximize the performance of the ADC and DAC. Although the PCM3000/3001 has three power supply lines to optimize dynamic performance, the use of one common power supply is generally recommended to avoid unexpected latch-up or pop noise due to power-supply sequencing problems. If separate power supplies are used, back-to-back diodes between the two power sources near the device are recommended to avoid latch-up problems. 34 |