データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCZ データシート(PDF) 1 Page - Nichicon corporation

部品番号 PCZ
部品情報  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NICHICON [Nichicon corporation]
ホームページ  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCZ データシート(HTML) 1 Page - Nichicon corporation

  PCZ Datasheet HTML 1Page - Nichicon corporation PCZ Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCZChipType,HigherCapacitance
High Temperature Range
Specifications
Temperature Characteristics
(Max.Impedance Ratio)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
Performance Characteristics
Item
–55 to +150°C
16 to 63V
12 to 1000µF
± 20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.03CV.
Z(
–55°C) / Z(+20°C)
1.25
(100kHz)
Endurance
ESR after Endurance ( 1)
Damp Heat
(Steady State)
Resistance to
Soldering Heat
Marking
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 2000 hours at 150°C.
Less than or equal to the specified value at 100kHz, -40°C
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 2000 hours at 85°C , 85% RH.
After soldering the capacitor under the soldering conditions
prescribed here, the capacitor shall meet the specifications listed at
right.
Pre-heating shall be done at 150 to 200°C and for 60 to 180 sec.
The duration for over +230°C temperature at capacitor surface shall
not exceed 60 seconds.
In case peak temperature is 260°C or less, reflow soldering shall be
two times maximum.
Measurement for solder temperature profile shall be made at the
capacitor top.
Navy blue print on the case top
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of initial capacitance value ( 3)
150% or less of the initial specified value
200% or less of the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of initial capacitance value ( 3)
150% or less of the initial specified value
200% or less of the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 10% of the initial capacitance value ( 3)
130% or less than the initial specified value
130% or less than the initial specified value
Less than or equal to the initial specified value
High reliability.
Low ESR, High ripple current.
Long life of 2000 hours at 150°C.
SMD type : Lead free reflow soldering condition at
260°C peak complete correspondence.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
ESR after Endurance at -40°C.
AEC-Q200 Qualified. Please contact us for details.
1 ESR should be measured at both of the terminal ends closest where the terminals
protrude through the plastic platform.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of
applying DC rated voltage continuously to the capacitor for 120 minutes at 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
Positive
H
0.3 max.
C±0.2
Series
Voltage (V:35V)
Plastic platform
Lot No.
Capacitance
Negative
L
±0.5
Standard
Negative
Positive
Vibration Resistance
H
0.3 max.
C±0.2
L±0.5
Plastic platform
Aid electrode
Series
Voltage (V:35V)
Lot No.
Capacitance
Dimensions
PCZ
High Temperature
PCH
Dimension table in next page.
P
1
C
2
Z
3
1
4
V
5
2
6
2
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Taping code
Size code
Capacitance tolerance (±20%)
Rated capacitance (220µF)
Rated voltage (35V)
Series name
Type
Standard
Vibration
Resistance
Code
Size
L
※Please ask for
Part Number.
Type numbering system (Example : 35V 220µF)
φ8×10L(φ8×10.5L),φ10×10L(φ10×10.5L),φ10×12.7L(φ10×13.2L) :
The vibration structure-resistant product is also available upon request, please ask for details.
( ) : Size of the vibration structure-resistant product.
(mm)
Vibration Resistance
φ8×10.5L
1.1to1.5
Size
φD
L
A
B
C
E
H
φ10×13.2L
10.0
12.7
11.0
10.3
10.3
4.6
1.1to1.5
φ10×10.5L
10.0
10.0
11.0
10.3
10.3
4.6
1.1to1.5
8.0
10.0
9.0
8.3
8.3
3.1
Size
φD
L
A
B
C
E
H
(mm)
Standard
φ8
×7L
8.0
6.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8
× 10L
8.0
9.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8
×12L
8.0
11.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ10
× 10L
10.0
9.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10
×8L
10.0
7.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10
×12.7L
10.0
12.6
11.0
10.3
10.3
4.6
0.8 to 1.1
Voltage
V 16 20 25 35 50 63
Code C
D E
V H
J
Frequency coefficient of rated ripple current
Frequency
Coefficient
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)
120Hz 1kHz 10kHz 100kHz or more
0.05 0.30 0.70
1.00
CAT.8100N


同様の部品番号 - PCZ

メーカー部品番号データシート部品情報
logo
LEMO Connectors
PCZ.T7.675.CTL01C LEMO-PCZ.T7.675.CTL01C Datasheet
67Kb / 3P
Socket / Receptacle - Free
PCZ.T7.675.CTL01CZ LEMO-PCZ.T7.675.CTL01CZ Datasheet
68Kb / 3P
Socket / Receptacle - Free
PCZ.T7.675.CTL01S LEMO-PCZ.T7.675.CTL01S Datasheet
64Kb / 3P
Socket / Receptacle - Free
PCZ.T7.675.CTL01SZ LEMO-PCZ.T7.675.CTL01SZ Datasheet
64Kb / 3P
Socket / Receptacle - Free
PCZ.T7.675.CTL02C LEMO-PCZ.T7.675.CTL02C Datasheet
64Kb / 3P
Socket / Receptacle - Free
More results

同様の説明 - PCZ

メーカー部品番号データシート部品情報
logo
RUBYCON CORPORATION
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com