データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D3448-89140. データシート(PDF) 2 Page - 3M Electronics

部品番号 D3448-89140.
部品情報  .100” × .100” Latch/Ejector, Straight and Right Angle
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  3M [3M Electronics]
ホームページ  http://www.3m.com
Logo 3M - 3M Electronics

D3448-89140. データシート(HTML) 2 Page - 3M Electronics

  D3448-89140. Datasheet HTML 1Page - 3M Electronics D3448-89140. Datasheet HTML 2Page - 3M Electronics D3448-89140. Datasheet HTML 3Page - 3M Electronics D3448-89140. Datasheet HTML 4Page - 3M Electronics D3448-89140. Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Four-Wall Header
.100” × .100” Latch/Ejector, Straight and Right Angle
D3000 Series
TS-2245-F
Sheet 2 of 4
-X2XX
Header with
Short Ejector/Latch
for 3M Sockets without
Strain Relief
-X0XX
Header without Latch Ejector
.025 ± .002 Sq Typ
[ 0.64 ]
Position 1
Orientation
Triangle
.21
[5.3]
.24
[6.1]
.30
[7.6]
F Typ
.049 Ref
[1.24]
.100 Ref
[2.54]
2X ø .100
[2.54]
(See Note 2)
A
C
.16
[4.1]
Notch C
(See Table 1 & Note 1)
Notch B
(See Table 1)
Notch A
(See Table 1 & Note1)
B
B
Section B-B
(Right Angle)
.68
[17.3]
.35
[8.9]
.020
[0.51]
A
A
F Typ
Section A-A
(Straight)
Dim. E
.30
[7.6]
.24
[6.1]
.025 ± .002 Sq Typ
[ 0.64 ]
CL
“Y”
CL
.197
[5.00]
.20
[5.1]
.424 ± .010
[ 10.77 ]
.573 ± .010
[ 14.55 ]
.08
[2.0]
.97 Ref
[24.6]
.08
[2.0]
.37 Ref
[9.4]
.46 Ref
[11.7]
1.07 Ref
[27.2]
Dim. E
“Y”
.12
[3.0]
-X3XX
Header with
Long Ejector/Latch
for 3M Sockets with
Strain Relief
.100
2.54 REF.
B
.25
6.4
.34
8.6
.28
7.1
D
.100
2.54 REF.
POSITION #1
.020
0.51
.13
3.3
2X O .100 [2.54]
SEE NOTE #2



Html Pages

1 2 3 4 5