データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V4L... データシート(PDF) 3 Page - Saia-Burgess

部品番号 V4L...
部品情報  Burgess switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAIA-BURGESS [Saia-Burgess]
ホームページ  
Logo SAIA-BURGESS - Saia-Burgess

V4L... データシート(HTML) 3 Page - Saia-Burgess

  V4L... Datasheet HTML 1Page - Saia-Burgess V4L... Datasheet HTML 2Page - Saia-Burgess V4L... Datasheet HTML 3Page - Saia-Burgess V4L... Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
37
Burgess switches
www.burgess-switch.com
burgess-switch@johnsonelectric.om
V4L
Ordering Reference
Actuating
Release
Free
Operating
Movement
Total overtravel Overtravel
Actuator
Reference
Force Force Position
Position
Differential
Position
Maximum
Minimum
Maximum
Maximum
Minimum
Minimum
(N)
(ozf)
(N) (ozf)
(mm) (in)
(mm)
(in)
(mm) (in)
(mm) (in)
(mm)
(in)
Plunger
V4LT7
2,4
8,60 0,4 1,44
12,9 0,507 11,7 ± 0.4 0,46 ± 0.012 0,9 0,023 9,2
0,36
2,2
0,09
V4LST7
2,5
9,00 0,5 1,78
12,9 0,507 11,7 ± 0.4 0,46 ± 0.012 0,9 0,023 9,2
0,36
2,2
0,09
A1 Lever
V4L…
2,4
8,60 0,4 1,44
14,5 0,57 12,6 ± 0,8 0,59 ± 0.03 1,0 0,04
9,6
0,38
2,2
0,09
V4LS…
2,5
9,00 0,5 1,78
14,5 0,57 12,6 ± 0,8 0,59 ± 0.03 1,0 0,04
9,6
0,38
2,2
0,09
Width of lever 4.0 mm/0.16 in
A2 Lever
V4L…
1,5
5,70 0,3 1,08
16,5 0,65 13,5 ± 1.0 0,53 ± 0.04 1,3 0,05
9,6
0,38
2,9
1,1
V4LS…
2
7,20 0,3 1,08
16,5 0,65 13,5 ± 1.0 0,53 ± 0.04 1,3 0,05
9,6
0,38
2,9
1,1
Width of lever 4.0 mm/0.16 in
F Lever
V4L…
For positions and forces of this actuator please contact Burgess
V4LS…
Width of lever 4.0 mm/0.16 in



Html Pages

1 2 3 4