| データシートサーチシステム |
|
AM53C94 データシート(PDF) 25 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM53C94 データシート(HTML) 25 Page - Advanced Micro Devices |
|
25 / 63 page ![]() P R E L I M I N A R Y AMD 25 Am53C94/Am53C96 Target Terminate Steps Internal State Interrupt Status Register (06H) Register (05H) Explanation Bits 2:0 (Hex) Bits 7:0 (Hex) 2 28 Terminate steps fully executed; disconnected; bus is free 1 18 Status and message bytes sent; sequence halted because initiator asserted ATN 0 18 Status byte sent; sequence halted because initiator asserted ATN Target Command Complete Steps Internal State Interrupt Status Register (06H) Register (05H) Explanation Bits 2:0 (Hex) Bits 7:0 (Hex) 1 18 Status and message bytes sent; sequence halted because initiator set ATN 0 18 Status byte sent; sequence halted because initiator set ATN 2 08 Command complete steps fully executed |