| データシートサーチシステム |
|
AM53C96 データシート(PDF) 8 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM53C96 データシート(HTML) 8 Page - Advanced Micro Devices |
|
8 / 63 page ![]() P R E L I M I N A R Y AMD 8 Am53C94/Am53C96 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of: TEMPERATURE RANGE C = Commercial PACKAGE TYPE J = 84-Pin PLCC (PL 084) K = 100-Pin PQFP (PQR100) DEVICE NUMBER/DESCRIPTION Am53C94/Am53C96 High Performance SCSI Conroller AM53C94 AM53C96 AM53C96 K C Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the lo- cal AMD sales office to confirm availability of specific valid combinations or to check on newly released combinations. JC KC, KC/W Valid Combinations ALTERNATE PACKAGING OPTION /W = Trimmed and Formed in a Tray (PQJ100) Blank = Molded Carrier Ring (35 mm) /W |