データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM53C96KCW データシート(PDF) 8 Page - Advanced Micro Devices

部品番号 AM53C96KCW
部品情報  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KCW データシート(HTML) 8 Page - Advanced Micro Devices

Back Button AM53C96KCW Datasheet HTML 4Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 5Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 6Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 7Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 8Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 9Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 10Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 11Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
P R E L I M I N A R Y
AMD
8
Am53C94/Am53C96
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of:
TEMPERATURE RANGE
C = Commercial
PACKAGE TYPE
J = 84-Pin PLCC (PL 084)
K = 100-Pin PQFP (PQR100)
DEVICE NUMBER/DESCRIPTION
Am53C94/Am53C96
High Performance SCSI Conroller
AM53C94
AM53C96
AM53C96
K
C
Valid Combinations
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the lo-
cal AMD sales office to confirm availability of specific
valid combinations or to check on newly released
combinations.
JC
KC, KC/W
Valid Combinations
ALTERNATE PACKAGING OPTION
/W = Trimmed and Formed in a Tray (PQJ100)
Blank = Molded Carrier Ring (35 mm)
/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63