| データシートサーチシステム |
|
S29GL032A データシート(PDF) 45 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL032A データシート(HTML) 45 Page - SPANSION |
|
45 / 95 page ![]() September 10, 2007 S29GL-A_00_A11 S29GL-A 45 Data She e t 7.10 Temporary Sector Group Unprotect This feature allows temporary unprotection of previously protected sector groups to change data in-system. The Sector Group Unprotect mode is activated by setting the RESET# pin to VID. During this mode, formerly protected sector groups can be programmed or erased by selecting the sector group addresses. Once VID is removed from the RESET# pin, all the previously protected sector groups are protected again. Figure 7.1 shows the algorithm, and Figure 16.11 on page 82 shows the timing diagrams, for this feature. Figure 7.1 Temporary Sector Group Unprotect Operation Notes 1. All protected sector groups unprotected (If WP# = VIL, the highest or lowest address sector remains protected for uniform sector devices; the top or bottom two address sectors remains protected for boot sector devices). 2. All previously protected sector groups are protected once again. Table 7.22 S29GL064A (Models R6, R7) Sector Group Protection/Unprotection Addresses Sector A21–A15 Sector/ Sector Block Size (Kbytes) Sector A21–A15 Sector/ Sector Block Size (Kbytes) Sector A21–A15 Sector/ Sector Block Size (Kbytes) SA0–SA3 00000 256 (4x64) SA44–SA47 01011 256 (4x64) SA88–SA91 10110 256 (4x64) SA4–SA7 00001 256 (4x64) SA48–SA51 01100 256 (4x64) SA92–SA95 10111 256 (4x64) SA8–SA11 00010 256 (4x64) SA52–SA55 01101 256 (4x64) SA96–SA99 11000 256 (4x64) SA12–SA15 00011 256 (4x64) SA56–SA59 01110 256 (4x64) SA100–SA103 11001 256 (4x64) SA16–SA19 00100 256 (4x64) SA60–SA63 01111 256 (4x64) SA104–SA107 11010 256 (4x64) SA20–SA23 00101 256 (4x64) SA64–SA67 10000 256 (4x64) SA108–SA111 11011 256 (4x64) SA24–SA27 00110 256 (4x64) SA68–SA71 10001 256 (4x64) SA112–SA115 11100 256 (4x64) SA28–SA31 00111 256 (4x64) SA72–SA75 10010 256 (4x64) SA116–SA119 11101 256 (4x64) SA32–SA35 01000 256 (4x64) SA76–SA79 10011 256 (4x64) SA120–SA123 11110 256 (4x64) SA36–SA39 01001 256 (4x64) SA80–SA83 10100 256 (4x64) SA124–SA127 11111 256 (4x64) SA40–SA43 01010 256 (4x64) SA84–SA87 10101 256 (4x64) START Perform Erase or Program Operations RESET# = VIH Temporary Sector Group Unprotect Completed (Note 2) RESET# = VID (Note 1) |