データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STR910FAW32 データシート(PDF) 42 Page - STMicroelectronics

部品番号 STR910FAW32
部品情報  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW32 データシート(HTML) 42 Page - STMicroelectronics

Back Button STR910FAW32 Datasheet HTML 38Page - STMicroelectronics STR910FAW32 Datasheet HTML 39Page - STMicroelectronics STR910FAW32 Datasheet HTML 40Page - STMicroelectronics STR910FAW32 Datasheet HTML 41Page - STMicroelectronics STR910FAW32 Datasheet HTML 42Page - STMicroelectronics STR910FAW32 Datasheet HTML 43Page - STMicroelectronics STR910FAW32 Datasheet HTML 44Page - STMicroelectronics STR910FAW32 Datasheet HTML 45Page - STMicroelectronics STR910FAW32 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 99 page
background image
Pin description
STR91xFAx32 STR91xFAx42 STR91xFAx44
42/99
5
Pin description
Figure 7.
STR91xFAM 80-pin package pinout
1.
NU (Not Used) on STR910FAM devices. Pin 59 is not connected, pin 60 must be pulled up by a 1.5Kohm
resistor to VDDQ.
2.
No USBCLK function on STR910FAM devices.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
P4.3
P4.2
P4.1
P4.0
VSS_VSSQ
VDDQ
P2.0
P2.1
P5.0
VSS
VDD
P5.1
P6.2
P6.3
VDDQ
VSSQ
P5.2
P5.3
P6.0
P6.1
USBDP (1)
USBDN (1)
P6.7
P6.6
RESET_INn
VSSQ
VDDQ
P6.5
P6.4
VSS
VDD
P5.7
P5.6
P5.5
VDDQ
VSSQ
P5.4
P3.7
P3.6
P3.5
80-pin LQFP
STR91xFAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99