データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F412CEH6PTR データシート(PDF) 16 Page - STMicroelectronics

部品番号 STM32F412CEH6PTR
部品情報  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412CEH6PTR データシート(HTML) 16 Page - STMicroelectronics

Back Button STM32F412CEH6PTR Datasheet HTML 12Page - STMicroelectronics STM32F412CEH6PTR Datasheet HTML 13Page - STMicroelectronics STM32F412CEH6PTR Datasheet HTML 14Page - STMicroelectronics STM32F412CEH6PTR Datasheet HTML 15Page - STMicroelectronics STM32F412CEH6PTR Datasheet HTML 16Page - STMicroelectronics STM32F412CEH6PTR Datasheet HTML 17Page - STMicroelectronics STM32F412CEH6PTR Datasheet HTML 18Page - STMicroelectronics STM32F412CEH6PTR Datasheet HTML 19Page - STMicroelectronics STM32F412CEH6PTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 201 page
background image
Description
STM32F412xE/G
16/201
DocID028087 Rev 7
2.1
Compatibility with STM32F4 series
The STM32F412xE/G are fully software and feature compatible with the STM32F4 series
(STM32F42x, STM32F401, STM32F43x, STM32F41x, STM32F405 and STM32F407)
The STM32F412xE/G can be used as drop-in replacement of the other STM32F4 products
but some slight changes have to be done on the PCB board.
Figure 1. Compatible board design for LQFP100 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More