データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F412RGU6PTR データシート(PDF) 73 Page - STMicroelectronics

部品番号 STM32F412RGU6PTR
部品情報  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGU6PTR データシート(HTML) 73 Page - STMicroelectronics

Back Button STM32F412RGU6PTR Datasheet HTML 69Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 70Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 71Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 72Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 73Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 74Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 75Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 76Page - STMicroelectronics STM32F412RGU6PTR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 201 page
background image
PG0
-
-
-
-
-
-
-
-
-
CAN1_RX
-
FSMC_A10
EVENTOUT
PG1
-
-
-
-
-
-
-
-
-
CAN1_TX
-
FSMC_A11
EVENTOUT
PG2
-
-
-
-
-
-
-
-
-
-
-
FSMC_A12
EVENTOUT
PG3
-
-
-
-
-
-
-
-
-
-
-
FSMC_A13
EVENTOUT
PG4
-
-
-
-
-
-
-
-
-
-
-
FSMC_A14
EVENTOUT
PG5
-
-
-
-
-
-
-
-
-
-
-
FSMC_A15
EVENTOUT
PG6
-
-
-
-
-
-
-
-
-
-
QUADSPI_
BK1_NCS
-EVENTOUT
PG7
-
-
-
-
-
-
-
-
USART6_
CK
--
-
EVENTOUT
PG8
-
-
-
-
-
-
-
-
USART6_
RTS
--
-
EVENTOUT
PG9
-
-
-
-
-
-
-
-
USART6_
RX
QUADSPI_
BK2_IO2
-
FSMC_NE2
EVENTOUT
PG10
-
-
-
-
-
-
-
-
-
-
-
FSMC_NE3
EVENTOUT
PG11
-
-
-
-
-
-
-
-
-
CAN2_RX
-
-
EVENTOUT
PG12
-
-
-
-
-
-
-
-
USART6_
RTS
CAN2_TX
-
FSMC_NE4
EVENTOUT
PG13 TRACED2
-
-
-
-
-
-
-
USART6_
CTS
-
-
FSMC_A24
EVENTOUT
PG14 TRACED3
-
-
-
-
-
-
-
USART6_
TX
QUADSPI_
BK2_IO3
-
FSMC_A25
EVENTOUT
PG15
-
-
-
-
-
-
-
-
USART6_
CTS
--
-
EVENTOUT
PH0
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PH1
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
Table 11. STM32F412xE/G alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF12
AF15
SYS_AF
TIM1/
TIM2
TIM3/
TIM4/
TIM5
TIM8/
TIM9/
TIM10/
TIM11
I2C1/
I2C2/
I2C3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/SPI3
/I2S3/SPI4/
I2S4/SPI5/I2S5
/DFSDM1
SPI3/I2S3/
USART1/
USART2/
USART3
DFSDM1/
USART3/
USART6/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/CAN2
/TIM12/
TIM13/TIM14
/QUADSPI
DFSDM1/
QUADSPI/
FSMC
/OTG1_FS
FSMC /SDIO
SYS_AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More