| データシートサーチシステム |
|
STM32F412RGT7PTR データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RGT7PTR データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 201 page ![]() Functional overview STM32F412xE/G 34/201 DocID028087 Rev 7 Table 5. Timer feature comparison Timer type Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/ compare channels Complemen- tary output Max. interface clock (MHz) Max. timer clock (MHz) Advance d-control TIM1, TIM8 16-bit Up, Down, Up/down Any integer between 1 and 65536 Yes 4 Yes 100 100 General purpose TIM2, TIM5 32-bit Up, Down, Up/down Any integer between 1 and 65536 Yes 4 No 50 100 TIM3, TIM4 16-bit Up, Down, Up/down Any integer between 1 and 65536 Yes 4 No 50 100 TIM9 16-bit Up Any integer between 1 and 65536 No 2 No 100 100 TIM10, TIM11 16-bit Up Any integer between 1 and 65536 No 1 No 100 100 TIM12 16-bit Up Any integer between 1 and 65536 No 2 No 50 100 TIM13, TIM14 16-bit Up Any integer between 1 and 65536 No 1 No 50 100 Basic timers TIM6, TIM7 16-bit Up Any integer between 1 and 65536 Yes 0 No 50 100 |