データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F412CEU7PTR データシート(PDF) 62 Page - STMicroelectronics

部品番号 STM32F412CEU7PTR
部品情報  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412CEU7PTR データシート(HTML) 62 Page - STMicroelectronics

Back Button STM32F412CEU7PTR Datasheet HTML 58Page - STMicroelectronics STM32F412CEU7PTR Datasheet HTML 59Page - STMicroelectronics STM32F412CEU7PTR Datasheet HTML 60Page - STMicroelectronics STM32F412CEU7PTR Datasheet HTML 61Page - STMicroelectronics STM32F412CEU7PTR Datasheet HTML 62Page - STMicroelectronics STM32F412CEU7PTR Datasheet HTML 63Page - STMicroelectronics STM32F412CEU7PTR Datasheet HTML 64Page - STMicroelectronics STM32F412CEU7PTR Datasheet HTML 65Page - STMicroelectronics STM32F412CEU7PTR Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 201 page
background image
Pinouts and pin description
STM32F412xE/G
62/201
DocID028087 Rev 7
---
-
-
E8
124
PG9
I/O
FT
-
USART6_RX,
QUADSPI_BK2_IO2,
FSMC_NE2,
EVENTOUT
-
---
-
-
D8
125
PG10
I/O
FT
-
FSMC_NE3,
EVENTOUT
-
-
-
-
-
-
C8
126
PG11
I/O
FT
-
CAN2_RX, EVENTOUT
-
---
-
-
B8
127
PG12
I/O
FT
-
USART6_RTS,
CAN2_TX, FSMC_NE4,
EVENTOUT
-
---
-
-
D7
128
PG13
I/O
FT
-
TRACED2,
USART6_CTS,
FSMC_A24,
EVENTOUT
-
---
-
-
C7
129
PG14
I/O
FT
-
TRACED3,
USART6_TX,
QUADSPI_BK2_IO3,
FSMC_A25,
EVENTOUT
-
---
-
-
-
130
VSS
S
-
-
-
-
---
-
-
F6
131
VDD
S
-
-
-
-
---
-
-
B7
132
PG15
I/O
FT
-
USART6_CTS,
EVENTOUT
-
39 55 A5 89
A8
A7
133
PB3
I/O
FT
-
JTDO-SWO,
TIM2_CH2,
I2CFMP1_SDA,
SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK,
USART1_RX,
I2C2_SDA, EVENTOUT
-
40 56 B4 90
A7
A6
134
PB4
I/O
FT
-
JTRST, TIM3_CH1,
SPI1_MISO,
SPI3_MISO,
I2S3ext_SD, I2C3_SDA,
SDIO_D0, EVENTOUT
-
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More