| データシートサーチシステム |
|
STR910FAM32X6 データシート(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR910FAM32X6 データシート(HTML) 59 Page - STMicroelectronics |
|
59 / 99 page ![]() STR91xFAx32 STR91xFAx42 STR91xFAx44 Electrical characteristics 59/99 Table 11. Current characteristics Symbol Ratings Maximum value Unit IVDD_IO (1) 1. The user can use GPIOs to source or sink current. In this case, the user must ensure that these absolute max. values are not exceeded (taking into account the RUN power consumption). Total current into VDD_IO power lines (source) (2) 2. All 3.3 V or 5.0 V power (VDD_IO, VDDA_ADC, VDDA_PLL) and ground (VSS_IO, VSSA_ADC, VDDA_ADC) pins must always be connected to the external 3.3V or 5.0V supply. 200 mA IVSS_IO (1) Total current out of VSS ground lines (sink) (2) 200 IIO Output current sunk by any I/O and control pin 25 Output current source by any I/Os and control pin - 25 IINJ(PIN) (3) 3. IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. Injected current on any pin during overload condition(4) 4. When several inputs are submitted to a current injection, the maximum ΣIINJ(PIN) is the absolute sum of the positive and negative injected currents (instantaneous values). These results are based on characterization with ΣIINJ(PIN) maximum current injection on four I/O port pins of the device. ± 5 mA ΣIINJ(PIN)(3) Absolute sum of all input currents during overload condition (4) ± 25 |