データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL1014IF データシート(PDF) 12 Page - STMicroelectronics

部品番号 TSL1014IF
部品情報  14 1 channel buffer for TFT-LCD panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014IF データシート(HTML) 12 Page - STMicroelectronics

Back Button TSL1014IF Datasheet HTML 7Page - STMicroelectronics TSL1014IF Datasheet HTML 8Page - STMicroelectronics TSL1014IF Datasheet HTML 9Page - STMicroelectronics TSL1014IF Datasheet HTML 10Page - STMicroelectronics TSL1014IF Datasheet HTML 11Page - STMicroelectronics TSL1014IF Datasheet HTML 12Page - STMicroelectronics TSL1014IF Datasheet HTML 13Page - STMicroelectronics TSL1014IF Datasheet HTML 14Page - STMicroelectronics TSL1014IF Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package information
TSL1014
12/15
4
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15