データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F412RGT6TR データシート(PDF) 75 Page - STMicroelectronics

部品番号 STM32F412RGT6TR
部品情報  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGT6TR データシート(HTML) 75 Page - STMicroelectronics

Back Button STM32F412RGT6TR Datasheet HTML 71Page - STMicroelectronics STM32F412RGT6TR Datasheet HTML 72Page - STMicroelectronics STM32F412RGT6TR Datasheet HTML 73Page - STMicroelectronics STM32F412RGT6TR Datasheet HTML 74Page - STMicroelectronics STM32F412RGT6TR Datasheet HTML 75Page - STMicroelectronics STM32F412RGT6TR Datasheet HTML 76Page - STMicroelectronics STM32F412RGT6TR Datasheet HTML 77Page - STMicroelectronics STM32F412RGT6TR Datasheet HTML 78Page - STMicroelectronics STM32F412RGT6TR Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 201 page
background image
DocID028087 Rev 7
75/201
STM32F412xE/G
Memory mapping
77
Table 12. STM32F412xE/G register boundary addresses
Bus
Boundary address
Peripheral
0xE010 0000 - 0xFFFF FFFF
Reserved
Cortex®-M4
0xE000 0000 - 0xE00F FFFF
Cortex-M4 internal peripherals
AHB3
0xA000 2000 - 0xDFFF FFFF
Reserved
0xA000 1000 - 0xA000 1FFF
QuadSPI control register
0xA000 0000 - 0xA000 0FFF
FSMC control register
0x9000 0000 - 0x9FFF FFFF
QUADSPI
0x7000 0000 - 0x08FFF FFFF
Reserved
0x6000 0000 - 0x6FFF FFFF
FSMC
AHB2
0x5006 0C00 - 0x5FFF FFFF
Reserved
0x5006 0800 0x5006 0BFF
RNG
0x5004 000- 0x5006 07FF
Reserved
0x5000 0000 - 0x5003 FFFF
USB OTG FS
AHB1
0x4002 6800 - 0x4FFF FFFF
Reserved
0x4002 6400 - 0x4002 67FF
DMA2
0x4002 6000 - 0x4002 63FF
DMA1
0x4002 5000 - 0x4002 4FFF
Reserved
0x4002 3C00 - 0x4002 3FFF
Flash interface register
0x4002 3800 - 0x4002 3BFF
RCC
0x4002 3400 - 0x4002 37FF
Reserved
0x4002 3000 - 0x4002 33FF
CRC
0x4002 2000 - 0x4002 2FFF
Reserved
0x4002 1C00 - 0x4002 1FFF
GPIOH
0x4002 1800 - 0x4002 1BFF
GPIOG
0x4002 1400 - 0x4002 17FF
GPIOF
0x4002 1000 - 0x4002 13FF
GPIOE
0x4002 0C00 - 0x4002 0FFF
GPIOD
0x4002 0800 - 0x4002 0BFF
GPIOC
0x4002 0400 - 0x4002 07FF
GPIOB
0x4002 0000 - 0x4002 03FF
GPIOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More