| データシートサーチシステム |
|
STM32F412RGT7P データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RGT7P データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 201 page ![]() DocID028087 Rev 7 61/201 STM32F412xE/G Pinouts and pin description 73 - 53 A3 80 B10 C10 113 PC12 I/O FT - SPI3_MOSI/I2S3_SD, USART3_CK, FSMC_D3/FSMC_DA3, SDIO_CK, EVENTOUT - - - - 81 C9 E10 114 PD0 I/O FT - CAN1_RX, FSMC_D2/FSMC_DA2, EVENTOUT - - - - 82 B9 D10 115 PD1 I/O FT - CAN1_TX, FSMC_D3/FSMC_DA3, EVENTOUT - -54 A4 83 C8 E9 116 PD2 I/O FT - TIM3_ETR, FSMC_NWE, SDIO_CMD, EVENTOUT - - - - 84 B8 D9 117 PD3 I/O FT - TRACED1, SPI2_SCK/I2S2_CK, DFSDM1_DATIN0, USART2_CTS, QUADSPI_CLK, FSMC_CLK, EVENTOUT - - - - 85 B7 C9 118 PD4 I/O FT - DFSDM1_CKIN0, USART2_RTS, FSMC_NOE, EVENTOUT - - - - 86 A6 B9 119 PD5 I/O FT - USART2_TX, FSMC_NWE, EVENTOUT - - - - - - E7 120 VSS S - - - - --- - - F7 121 VDD S - - - - - - - 87 B6 A8 122 PD6 I/O FT - SPI3_MOSI/I2S3_SD, DFSDM1_DATIN1, USART2_RX, FSMC_NWAIT, EVENTOUT - - - - 88 A5 A9 123 PD7 I/O FT - DFSDM1_CKIN1, USART2_CK, FSMC_NE1, EVENTOUT - Table 9. STM32F412xE/G pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |