| データシートサーチシステム |
|
STM32F412REY7P データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412REY7P データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 201 page ![]() DocID028087 Rev 7 33/201 STM32F412xE/G Functional overview 42 Reset OFF), the VBAT functionality is no more available and VBAT pin should be connected to VDD. 3.23 Timers and watchdogs The devices embed two advanced-control timer, ten general-purpose timers, two basic timers, two watchdog timers and one SysTick timer. All timer counters can be frozen in debug mode. Table 5 compares the features of the advanced-control and general-purpose timers. |