| データシートサーチシステム |
|
STM32F412RGH7 データシート(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RGH7 データシート(HTML) 75 Page - STMicroelectronics |
|
75 / 201 page ![]() DocID028087 Rev 7 75/201 STM32F412xE/G Memory mapping 77 Table 12. STM32F412xE/G register boundary addresses Bus Boundary address Peripheral 0xE010 0000 - 0xFFFF FFFF Reserved Cortex®-M4 0xE000 0000 - 0xE00F FFFF Cortex-M4 internal peripherals AHB3 0xA000 2000 - 0xDFFF FFFF Reserved 0xA000 1000 - 0xA000 1FFF QuadSPI control register 0xA000 0000 - 0xA000 0FFF FSMC control register 0x9000 0000 - 0x9FFF FFFF QUADSPI 0x7000 0000 - 0x08FFF FFFF Reserved 0x6000 0000 - 0x6FFF FFFF FSMC AHB2 0x5006 0C00 - 0x5FFF FFFF Reserved 0x5006 0800 0x5006 0BFF RNG 0x5004 000- 0x5006 07FF Reserved 0x5000 0000 - 0x5003 FFFF USB OTG FS AHB1 0x4002 6800 - 0x4FFF FFFF Reserved 0x4002 6400 - 0x4002 67FF DMA2 0x4002 6000 - 0x4002 63FF DMA1 0x4002 5000 - 0x4002 4FFF Reserved 0x4002 3C00 - 0x4002 3FFF Flash interface register 0x4002 3800 - 0x4002 3BFF RCC 0x4002 3400 - 0x4002 37FF Reserved 0x4002 3000 - 0x4002 33FF CRC 0x4002 2000 - 0x4002 2FFF Reserved 0x4002 1C00 - 0x4002 1FFF GPIOH 0x4002 1800 - 0x4002 1BFF GPIOG 0x4002 1400 - 0x4002 17FF GPIOF 0x4002 1000 - 0x4002 13FF GPIOE 0x4002 0C00 - 0x4002 0FFF GPIOD 0x4002 0800 - 0x4002 0BFF GPIOC 0x4002 0400 - 0x4002 07FF GPIOB 0x4002 0000 - 0x4002 03FF GPIOA |