データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F412VGH7 データシート(PDF) 79 Page - STMicroelectronics

部品番号 STM32F412VGH7
部品情報  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412VGH7 データシート(HTML) 79 Page - STMicroelectronics

Back Button STM32F412VGH7 Datasheet HTML 75Page - STMicroelectronics STM32F412VGH7 Datasheet HTML 76Page - STMicroelectronics STM32F412VGH7 Datasheet HTML 77Page - STMicroelectronics STM32F412VGH7 Datasheet HTML 78Page - STMicroelectronics STM32F412VGH7 Datasheet HTML 79Page - STMicroelectronics STM32F412VGH7 Datasheet HTML 80Page - STMicroelectronics STM32F412VGH7 Datasheet HTML 81Page - STMicroelectronics STM32F412VGH7 Datasheet HTML 82Page - STMicroelectronics STM32F412VGH7 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 201 page
background image
DocID028087 Rev 7
79/201
STM32F412xE/G
Electrical characteristics
166
6.1.6
Power supply scheme
Figure 21. Power supply scheme
1. To connect PDR_ON pin, refer to Section: Power supply supervisor.
2. The 4.7 µF ceramic capacitor must be connected to one of the VDD pin.
3. VCAP_2 pad is only available on 100-pin and 144-pin packages.
4. VDDA=VDD and VSSA=VSS.
5. VDDUSB is a dedicated independent USB power supply for the on-chip full-speed OTG PHY module and
associated DP/DM GPIOs. VDDUSB value does not depend on the VDD and VDDA values, but it must be the
last supply to be provided and the first to disappear.
Caution:
Each power supply pair (for example VDD/VSS, VDDA/VSSA) must be decoupled with filtering
ceramic capacitors as shown above. These capacitors must be placed as close as possible
to, or below, the appropriate pins on the underside of the PCB to ensure good operation of
the device. It is not recommended to remove filtering capacitors to reduce PCB size or cost.
This might cause incorrect operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More