データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F412RGU7 データシート(PDF) 70 Page - STMicroelectronics

部品番号 STM32F412RGU7
部品情報  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGU7 データシート(HTML) 70 Page - STMicroelectronics

Back Button STM32F412RGU7 Datasheet HTML 66Page - STMicroelectronics STM32F412RGU7 Datasheet HTML 67Page - STMicroelectronics STM32F412RGU7 Datasheet HTML 68Page - STMicroelectronics STM32F412RGU7 Datasheet HTML 69Page - STMicroelectronics STM32F412RGU7 Datasheet HTML 70Page - STMicroelectronics STM32F412RGU7 Datasheet HTML 71Page - STMicroelectronics STM32F412RGU7 Datasheet HTML 72Page - STMicroelectronics STM32F412RGU7 Datasheet HTML 73Page - STMicroelectronics STM32F412RGU7 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 201 page
background image
PD0
-
-
-
-
-
-
-
-
-
CAN1_RX
-
FSMC_D2/FS
MC_DA2
EVENTOUT
PD1
-
-
-
-
-
-
-
-
-
CAN1_TX
-
FSMC_D3/FS
MC_DA3
EVENTOUT
PD2
-
-
TIM3_ETR
-
-
-
-
-
-
-
FSMC_NWE
SDIO_CMD
EVENTOUT
PD3
TRACED1
-
-
-
-
SPI2_SCK/
I2S2_CK
DFSDM1_
DATIN0
USART2_
CTS
-
QUADSPI_
CLK
-
FSMC_CLK
EVENTOUT
PD4
-
-
-
-
-
-
DFSDM1_
CKIN0
USART2_
RTS
-
-
-
FSMC_NOE
EVENTOUT
PD5
-
-
-
-
-
-
-
USART2_TX
-
-
-
FSMC_NWE
EVENTOUT
PD6
-
-
-
-
-
SPI3_MOSI/I
2S3_SD
DFSDM1_
DATIN1
USART2_RX
-
-
-
FSMC_
NWAIT
EVENTOUT
PD7
-
-
-
-
-
-
DFSDM1_
CKIN1
USART2_CK
-
-
-
FSMC_NE1
EVENTOUT
PD8
-
-
-
-
-
-
-
USART3_TX
-
-
-
FSMC_D13/
FSMC_DA13
EVENTOUT
PD9
-
-
-
-
-
-
-
USART3_RX
-
-
-
FSMC_D14/
FSMC_DA14
EVENTOUT
PD10
-
-
-
-
-
-
-
USART3_CK
-
-
-
FSMC_D15/
FSMC_DA15
EVENTOUT
PD11
-
-
-
-
I2CFMP1_
SMBA
--
USART3_
CTS
-
QUADSPI_
BK1_IO0
-
FSMC_A16
EVENTOUT
PD12
-
-
TIM4_CH1
-
I2CFMP1_
SCL
USART3_
RTS
-
QUADSPI_
BK1_IO1
-
FSMC_A17
EVENTOUT
PD13
-
-
TIM4_CH2
-
I2CFMP1_
SDA
--
-
-
QUADSPI_
BK1_IO3
-
FSMC_A18
EVENTOUT
PD14
-
-
TIM4_CH3
-
I2CFMP1_
SCL
--
-
-
-
-
FSMC_D0/
FSMC_DA0
EVENTOUT
PD15
-
-
TIM4_CH4
-
I2CFMP1_
SDA
--
-
-
-
-
FSMC_D1/
FSMC_DA1
EVENTOUT
Table 11. STM32F412xE/G alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF12
AF15
SYS_AF
TIM1/
TIM2
TIM3/
TIM4/
TIM5
TIM8/
TIM9/
TIM10/
TIM11
I2C1/
I2C2/
I2C3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/SPI3
/I2S3/SPI4/
I2S4/SPI5/I2S5
/DFSDM1
SPI3/I2S3/
USART1/
USART2/
USART3
DFSDM1/
USART3/
USART6/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/CAN2
/TIM12/
TIM13/TIM14
/QUADSPI
DFSDM1/
QUADSPI/
FSMC
/OTG1_FS
FSMC /SDIO
SYS_AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More