| データシートサーチシステム |
|
STM32F412VGJ3 データシート(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412VGJ3 データシート(HTML) 51 Page - STMicroelectronics |
|
51 / 201 page ![]() DocID028087 Rev 7 51/201 STM32F412xE/G Pinouts and pin description 73 44 C7 9 E1 C1 9 PC15- OSC32_ OUT I/O FT (2)(4) EVENTOUT OSC32_ OUT --- - - C3 10 PF0 I/O FT - I2C2_SDA, FSMC_A0, EVENTOUT - --- - - C4 11 PF1 I/O FT - I2C2_SCL, FSMC_A1, EVENTOUT - --- - - D4 12 PF2 I/O FT - I2C2_SMBA, FSMC_A2, EVENTOUT - - - - - - E2 13 PF3 I/O FT - TIM5_CH1, FSMC_A3, EVENTOUT - - - - - - E3 14 PF4 I/O FT - TIM5_CH2, FSMC_A4, EVENTOUT - - - - - - E4 15 PF5 I/O FT - TIM5_CH3, FSMC_A5, EVENTOUT - - - - 10 F2 D2 16 VSS S - - - - --- 11 G2 D3 17 VDD S - - - - - - - - - F3 18 PF6 I/O FT - TRACED0, TIM10_CH1, QUADSPI_BK1_IO3, EVENTOUT - - - - - - F2 19 PF7 I/O FT - TRACED1, TIM11_CH1, QUADSPI_BK1_IO2, EVENTOUT - --- - - G3 20 PF8 I/O FT - TIM13_CH1, QUADSPI_BK1_IO0, EVENTOUT - --- - - G2 21 PF9 I/O FT - TIM14_CH1, QUADSPI_BK1_IO1, EVENTOUT - - - - - - G1 22 PF10 I/O FT - TIM1_ETR, TIM5_CH4, EVENTOUT - 5 5 D8 12 F1 D1 23 PH0 - OSC_IN I/O FT (4) EVENTOUT OSC_IN 6 6 E8 13 G1 E1 24 PH1 - OSC_OUT I/O FT (4) EVENTOUT OSC_OUT 7 7 D7 14 H2 F1 25 NRST I/O RST - - NRST Table 9. STM32F412xE/G pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |