データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT6004 データシート(PDF) 15 Page - Linear Technology

部品番号 LT6004
部品情報  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT6004 データシート(HTML) 15 Page - Linear Technology

Back Button LT6004 Datasheet HTML 11Page - Linear Technology LT6004 Datasheet HTML 12Page - Linear Technology LT6004 Datasheet HTML 13Page - Linear Technology LT6004 Datasheet HTML 14Page - Linear Technology LT6004 Datasheet HTML 15Page - Linear Technology LT6004 Datasheet HTML 16Page - Linear Technology LT6004 Datasheet HTML 17Page - Linear Technology LT6004 Datasheet HTML 18Page - Linear Technology LT6004 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT6003/LT6004/LT6005
15
600345f
APPLICATIONS INFORMATION
Gain
The open-loop gain is almost independent of load when
the output is sourcing current. This optimizes performance
in single supply applications where the load is returned
to ground. The typical performance curve of Open-Loop
Gain for various loads shows the details.
Start-Up and Output Saturation Characteristics
Micropower op amps are often not micropower during
start-up or during output saturation. This can wreak havoc
on limited current supplies, in the worst case there may
not be enough supply current available to take the system
up to nominal voltages. Unlike the LT6003/LT6004/LT6005,
when the output saturates, some op amps may draw
excessive current and pull down the supplies, compromis-
ing rail-to-rail performance. Figure 2 shows the start-up
characteristics of the LT6003/LT6004/LT6005 for three
limiting cases. The circuits are shown in Figure 3. One
circuit creates a positive offset forcing the output to come
up saturated high. Another circuit creates a negative offset
forcing the output to come up saturated low, while the last
circuit brings the output up at 1/2 supply. In all cases, the
supply current is well controlled and is not excessive when
the output is on either rail.
Adaptive Filter
The circuit of Figure 4 shows the LT6005 applied as a
micropower adaptive filter, which automatically adjusts
the time constant depending on the signal level. Op amp
A1 buffers the input onto the RC which has either a 1ms
or 20ms time constant depending on the state of switch
S1. The signal is then buffered to the output by op amp
A2. Op amps A3 and A4 are configured as gain-of-40
difference amplifiers, gaining up the difference between
the buffered input voltage and the output. When there is
no difference, the outputs of A3 and A4 will be near zero.
When a positive signal step is applied to the input, the
output of A3 rises. When a negative signal step is applied
to the input, the output of A4 rises. These voltages are fed
to the LT6700-2 comparator which has a built in 400mV
reference. If the input step exceeds 10mV, the output
of the difference amplifiers will exceed 400mV and the
comparator output (wired in OR gate fashion) falls low.
This turns on S1, reducing the time constant and speed-
ing up the settling. The overall effect is that the circuit
provides “slow filtering” with “fast settling”. Waveforms
are shown in the accompanying photo, for a 100mV input
step. The fast 1ms time constant is obvious in the output
waveform, while the slow time constant is discernible as
the slow ramping sections. That the slow time constant
is discernible at all is due to delay time in the difference
amplifier and comparator functions.
Figure 2. Start-Up Characteristics
SUPPLY VOLTAGE (V)
0
1.2
4
600345 F02
1.0
0.8
0.6
0.4
0.2
0
1
0.5
2
1.5
3
3.5
4.5
2.5
5
OUTPUT LOW
OUTPUT HIGH
OUTPUT AT VS/2
TA = 25°C
Figure 3. Circuits for Start-Up Characteristics
+
30mV
VS
Output High
+
VS/2
VS
600345 F03
Output at VS/2
+
30mV
VS
Output Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com