| データシートサーチシステム |
|
PCA8574ATS データシート(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8574ATS データシート(HTML) 6 Page - NXP Semiconductors |
|
6 / 27 page ![]() PCA8574_PCA8574A_2 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 02 — 14 May 2007 6 of 27 NXP Semiconductors PCA8574/74A Remote 8-bit I/O expander for I2C-bus with interrupt 7. Functional description Refer to Figure 1 “Block diagram of PCA8574/74A”. 7.1 Device address Following a START condition, the bus master must send the address of the slave it is accessing and the operation it wants to perform (read or write). The address of the PCA8574/74A is shown in Figure 7. Slave address pins AD2, AD1, and AD0 choose 1 of 8 slave addresses. To conserve power, no internal pull-up resistors are incorporated on AD2, AD1, and AD0. Address values depending on AD2, AD1, and AD0 can be found in Table 4 “PCA8574 address map” and Table 5 “PCA8574A address map”. Remark: When using the PCA8574A, the General Call address (0000 0000b) and the Device ID address (1111 100Xb) are reserved and cannot be used as device address. Failure to follow this requirement will cause the PCA8574A not to acknowledge. The last bit of the first byte defines the operation to be performed. When set to logic 1 a read is selected, while a logic 0 selects a write operation. When AD2, AD1 and AD0 are held to VDD or VSS, the same address as the PCF8574 or PCF8574A is applied. 7.1.1 Address maps Fig 7. PCA8574/74A address R/W 002aab636 A6 A5 A4 A3 A2 A1 A0 programmable slave address Table 4. PCA8574 address map A6 A5 A4 A3 A2 A1 A0 Address 010000020h 010000121h 010001022h 010001123h 010010024h 010010125h 010011026h 010011127h |