データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IXFX48N60P データシート(PDF) 4 Page - IXYS Corporation

部品番号 IXFX48N60P
部品情報  PolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX48N60P データシート(HTML) 4 Page - IXYS Corporation

  IXFX48N60P Datasheet HTML 1Page - IXYS Corporation IXFX48N60P Datasheet HTML 2Page - IXYS Corporation IXFX48N60P Datasheet HTML 3Page - IXYS Corporation IXFX48N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFK 48N60P IXFX 48N60P
Fig. 11. Capacitance
10
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
Q G - nanoCoulombs
VDS = 300V
ID = 24A
IG = 10mA
Fig. 7. Input Adm ittance
0
10
20
30
40
50
60
70
80
44.5
55.5
66.5
7
VG S - Volts
TJ = 125ºC
25ºC
-40ºC
Fig. 8. Transconductance
0
10
20
30
40
50
60
70
80
90
100
0
10
203040
506070
8090
I D - Amperes
TJ = -40ºC
25ºC
125ºC
Fig. 9. Source Current vs.
Source-To-Drain Voltage
0
20
40
60
80
100
120
140
160
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
VS D - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 13. Maxim um Transient Therm al
Resistance
0.01
0.10
1.00
1
10
100
1000
Pulse Width - milliseconds



Html Pages

1 2 3 4