データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST75185C データシート(PDF) 20 Page - STMicroelectronics

部品番号 ST75185C
部品情報  Multiple RS-232 drivers and receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185C データシート(HTML) 20 Page - STMicroelectronics

Back Button ST75185C Datasheet HTML 14Page - STMicroelectronics ST75185C Datasheet HTML 15Page - STMicroelectronics ST75185C Datasheet HTML 16Page - STMicroelectronics ST75185C Datasheet HTML 17Page - STMicroelectronics ST75185C Datasheet HTML 18Page - STMicroelectronics ST75185C Datasheet HTML 19Page - STMicroelectronics ST75185C Datasheet HTML 20Page - STMicroelectronics ST75185C Datasheet HTML 21Page - STMicroelectronics ST75185C Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Package mechanical data
ST75185C
20/22
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
22.4
0.882
Ao
6.8
7
0.268
0.276
Bo
6.9
7.1
0.272
0.280
Ko
1.7
1.9
0.067
0.075
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & reel TSSOP20 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22