データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST75185CTR データシート(PDF) 15 Page - STMicroelectronics

部品番号 ST75185CTR
部品情報  Multiple RS-232 drivers and receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185CTR データシート(HTML) 15 Page - STMicroelectronics

Back Button ST75185CTR Datasheet HTML 11Page - STMicroelectronics ST75185CTR Datasheet HTML 12Page - STMicroelectronics ST75185CTR Datasheet HTML 13Page - STMicroelectronics ST75185CTR Datasheet HTML 14Page - STMicroelectronics ST75185CTR Datasheet HTML 15Page - STMicroelectronics ST75185CTR Datasheet HTML 16Page - STMicroelectronics ST75185CTR Datasheet HTML 17Page - STMicroelectronics ST75185CTR Datasheet HTML 18Page - STMicroelectronics ST75185CTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ST75185C
Application information: diodes on power supply
15/22
6
Application information: diodes on power supply
Diodes placed in series with the VDD and VSS leads protect the ST75185C in the fault
condition in which the devices output are shorted to ±15 V and the power supplies are at low
state and provide low-impedance path to ground (see Figure 18).
Figure 18.
Diodes on power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22