データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST75185CDR データシート(PDF) 6 Page - STMicroelectronics

部品番号 ST75185CDR
部品情報  Multiple RS-232 drivers and receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185CDR データシート(HTML) 6 Page - STMicroelectronics

Back Button ST75185CDR Datasheet HTML 2Page - STMicroelectronics ST75185CDR Datasheet HTML 3Page - STMicroelectronics ST75185CDR Datasheet HTML 4Page - STMicroelectronics ST75185CDR Datasheet HTML 5Page - STMicroelectronics ST75185CDR Datasheet HTML 6Page - STMicroelectronics ST75185CDR Datasheet HTML 7Page - STMicroelectronics ST75185CDR Datasheet HTML 8Page - STMicroelectronics ST75185CDR Datasheet HTML 9Page - STMicroelectronics ST75185CDR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
ST75185C
6/22
3
Electrical characteristics
Table 7.
Supply currents
Symbol
Parameter
Test conditions
Value
Unit
VDD
VSS
Min.
Typ.
Max.
IDD
Supply current from VDD
9-9
No load.
all inputs at
1.9V
15
mA
12
-12
19
15
-15
25
9-9
No load.
all inputs at
0.8V
4.5
mA
12
-12
5.5
15
-15
9
ISS
Supply current from VSS
9-9
No load.
all inputs at
1.9V
-15
mA
12
-12
-19
15
-15
-25
9-9
No load.
all inputs at
0.8V
-3.2
mA
12
-12
-3.2
15
-15
-3.2
ICC
Supply current from VCC
No load. All inputs at 5V
VCC = 5V
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22