データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB15F16A データシート(PDF) 2 Page - STMicroelectronics

部品番号 SMB15F16A
部品情報  1500 W TVS in SMB Flat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMB15F16A データシート(HTML) 2 Page - STMicroelectronics

  SMB15F16A Datasheet HTML 1Page - STMicroelectronics SMB15F16A Datasheet HTML 2Page - STMicroelectronics SMB15F16A Datasheet HTML 3Page - STMicroelectronics SMB15F16A Datasheet HTML 4Page - STMicroelectronics SMB15F16A Datasheet HTML 5Page - STMicroelectronics SMB15F16A Datasheet HTML 6Page - STMicroelectronics SMB15F16A Datasheet HTML 7Page - STMicroelectronics SMB15F16A Datasheet HTML 8Page - STMicroelectronics SMB15F16A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 (C = 150 pF, R = 330 Ω)
Contact discharge
Air discharge
30
30
kV
PPP
Peak pulse power dissipation
10/1000 µs, Tj initial = Tamb
1500
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-55 to +175
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Figure 1. Electrical characteristics - parameter definitions
Figure 2. Pulse definition for electrical characteristics
SMB15FxxA
Characteristics
DS13415 - Rev 1
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13