| データシートサーチシステム |
|
SN74HCS30DR データシート(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74HCS30DR データシート(HTML) 8 Page - Texas Instruments |
|
8 / 24 page ![]() GND Logic Input Output VCC Device -IIK +IIK +IOK -IOK 8 SN74HCS30 SCLS800A – MARCH 2020 – REVISED JUNE 2020 www.ti.com Product Folder Links: SN74HCS30 Submit Documentation Feedback Copyright © 2020, Texas Instruments Incorporated Feature Description (continued) 8.3.3 Clamp Diode Structure The inputs and outputs to this device have both positive and negative clamping diodes as depicted in Figure 8. CAUTION Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage to the device. The input negative-voltage and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. Figure 8. Electrical Placement of Clamping Diodes for Each Input and Output 8.4 Device Functional Modes Table 1. Function Table INPUTS OUTPUT Y A B C D E F G H H H H H H H H H L L X X X X X X X H X L X X X X X X H X X L X X X X X H X X X L X X X X H X X X X L X X X H X X X X X L X X H X X X X X X L X H X X X X X X X L H |