| データシートサーチシステム |
|
SN74HCS596 データシート(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74HCS596 データシート(HTML) 16 Page - Texas Instruments |
|
16 / 28 page ![]() 16 SN74HCS596-Q1 SCLS805 – JUNE 2020 www.ti.com Product Folder Links: SN74HCS596-Q1 Submit Documentation Feedback Copyright © 2020, Texas Instruments Incorporated Typical Application (continued) – Input signals to Schmitt-trigger inputs, like those found on the HCS family of devices, can support unlimited edge rates. – Input thresholds are listed in the Electrical Characteristics. – Inputs include positive clamp diodes. Input voltages can exceed the device's supply so long as the clamp current ratings are observed from the Absolute Maximum Ratings. Do not exceed the absolute maximum voltage rating of the device or it could be damaged. 2. Recommended Output Conditions: – Load currents should not exceed the value listed in the Absolute Maximum Ratings. – Series resistors on the output may be used if the user desires to slow the output edge signal or limit the output current. |