| データシートサーチシステム |
|
ST72F324LK2T6 データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F324LK2T6 データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 154 page ![]() ST72324Lxx 11/154 Notes: 1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating interrupt input. 2. In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD 27 25 10 13 PC2 (HS)/ICAP2_B I/O CT HS X X X X Port C2 Timer B Input Capture 2 28 26 11 14 PC3 (HS)/ICAP1_B I/O CT HS X X X X Port C3 Timer B Input Capture 1 29 27 12 15 PC4/MISO/ICCDA- TA I/O CT X X X X Port C4 SPI Master In / Slave Out Data ICC Data In- put 30 28 13 16 PC5/MOSI/AIN14 I/O CT X X X X X Port C5 SPI Master Out / Slave In Data ADC Analog Input 14 31 29 14 17 PC6/SCK/ICCCLK I/O CT X X X X Port C6 SPI Serial Clock ICC Clock Output 32 30 15 18 PC7/SS/AIN15 I/O CT X X X X X Port C7 SPI Slave Select (ac- tive low) ADC Analog Input 15 34 31 16 19 PA3 (HS) I/O CT HS X ei0 X X Port A3 35 32 VDD_1 S Digital Main Supply Voltage5) 36 33 VSS_1 S Digital Ground Voltage5) 37 34 17 20 PA4 (HS) I/O CT HS X X X X Port A4 38 35 PA5 (HS) I/O CT HS X X X X Port A5 39 36 18 21 PA6 (HS) I/O CT HS X T Port A6 1) 40 37 19 22 PA7 (HS) I/O CT HS X T Port A7 1) 41 38 20 23 VPP /ICCSEL I Must be tied low. In the flash pro- gramming mode, this pin acts as the programming voltage input VPP. See Section 12.9.2 for more details. High voltage must not be applied to ROM devices. 42 39 21 24 RESET I/O CT Top priority non maskable interrupt. 43 40 22 25 VSS_2 S Digital Ground Voltage5) 44 41 23 26 OSC2 O Resonator oscillator inverter output 45 42 24 27 OSC1 I External clock input or Resonator os- cillator inverter input 46 43 25 28 VDD_2 S Digital Main Supply Voltage5) 47 44 26 29 PE0/TDO I/O CT X X X X Port E0 SCI Transmit Data Out 48 1 27 30 PE1/RDI I/O CT X X X X Port E1 SCI Receive Data In 3 2 28 31 PB0 I/O CT X ei2 X X Port B0 4 3 PB1 I/O CT X ei2 X X Port B1 5 4 PB2 I/O CT X ei2 X X Port B2 6 5 29 32 PB3 I/O CT X ei2 X X Port B3 Pin n° Pin Name Level Port Main function (after reset) Alternate Function Input Output 1 |