| データシートサーチシステム |
|
MPC5744P データシート(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5744P データシート(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 27 page ![]() Getting to Know the Hardware KTMPC5744DBUG Rev. 1.0 2/2015 8 Freescale Semiconductor, Inc. 3.4.1 LED Definitions Table 2 LEDs are provided as visual output devices for the KITMPC5744DBEVM evaluation board: 3.4.2 Test Point Definitions Table 3 test-point jumpers provide access to signals: 3.4.3 Connector Definitions Table 2. LEDs Schematic Label Signal/Rail Description D1 VCORE_ON VCORE power supply from the mother board D2 EXT_POR External Power On Reset D3 POR Functional reset (connected to the mother board) Table 3. Test Points Schematic Label Signal/Rail Description P2 VDD_HV_OSC0 High voltage power supply for the internal oscillator P3 ADV0/1 High voltage supply for the ADC modules P4 ADR1 ADC1 High reference voltage P5 ADR0 ADC0 High reference voltage P6 HV_FLA Power Supply and decoupling pin for flash memory P7 HV_IO High voltage Power supply for the I/Os P8 LV_PLL Low voltage power supply for the PLL module P9 LV_CORE Low voltage power Supply P10 GND Ground P11 VDD_HV_PMU PMU high voltage Supply P12 MUX_OUT Analog signal coming from the Mother board P13 GND_COM Analog ground Table 4. Connectors Connector Description P1 JTAG debugger interface J1 Nexus debugger interface X1 Interface to the mother board X2 Interface to the mother board X3 Interface to the mother board X4 Interface to the mother board |