データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32H523CCI6 データシート(PDF) 90 Page - STMicroelectronics

部品番号 STM32H523CCI6
部品情報  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CCI6 データシート(HTML) 90 Page - STMicroelectronics

Back Button STM32H523CCI6 Datasheet HTML 86Page - STMicroelectronics STM32H523CCI6 Datasheet HTML 87Page - STMicroelectronics STM32H523CCI6 Datasheet HTML 88Page - STMicroelectronics STM32H523CCI6 Datasheet HTML 89Page - STMicroelectronics STM32H523CCI6 Datasheet HTML 90Page - STMicroelectronics STM32H523CCI6 Datasheet HTML 91Page - STMicroelectronics STM32H523CCI6 Datasheet HTML 92Page - STMicroelectronics STM32H523CCI6 Datasheet HTML 93Page - STMicroelectronics STM32H523CCI6 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 228 page
background image
PE0
-
FDCAN1_RX
-
-
FMC_NBL0
DCMI_D2/PSSI_D2
-
EVENTOUT
PE2
-
OCTOSPI1_IO2
-
-
FMC_A23
DCMI_D3/PSSI_D3
-
EVENTOUT
PE3
-
-
-
-
FMC_A19
-
-
EVENTOUT
PE4
-
-
-
-
FMC_A20
DCMI_D4/PSSI_D4
-
EVENTOUT
PE5
-
-
-
-
FMC_A21
DCMI_D6/PSSI_D6
-
EVENTOUT
PE6
-
-
-
-
FMC_A22
DCMI_D7/PSSI_D7
-
EVENTOUT
PE7
-
-
OCTOSPI1_IO4
-
FMC_D4/FMC_AD4
-
-
EVENTOUT
PE8
-
-
OCTOSPI1_IO5
-
FMC_D5/FMC_AD5
-
-
EVENTOUT
PE9
-
-
OCTOSPI1_IO6
-
FMC_D6/FMC_AD6
-
-
EVENTOUT
PE10
-
-
OCTOSPI1_IO7
-
FMC_D7/FMC_AD7
-
-
EVENTOUT
PE11
-
-
-
-
FMC_D8/FMC_AD8
-
-
EVENTOUT
PE12
-
-
-
-
FMC_D9/FMC_AD9
-
-
EVENTOUT
PE13
-
-
-
-
FMC_D10/FMC_AD10
-
-
EVENTOUT
PE14
-
-
-
-
FMC_D11/FMC_AD11
-
-
EVENTOUT
PE15
-
-
-
-
FMC_D12/FMC_AD12
-
-
EVENTOUT
Table 15. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/S
DMMC1/UA
RT4/5
FDCAN1/2/FMC[NAND16)/
FMC[NORmux)/FMC[NOR_RAM)/
I2C3/I3C2/OCTOSPI
CRS/FMC[NAND1
6)/I3C2/OCTOSPI/
SDMMC1/USB_
FMC[NAND16)/
OCTOSPI/SDM
MC1/USB_PD
FMC[NAND16)/FMC
[NORmux)/FMC[NO
R_RAM)/SDMMC1
DCMI/FMC[NAND16
)/FMC[NORmux)/FM
C[NOR_RAM)
TIM2/UART
5/USART6
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More