| データシートサーチシステム |
|
R274-R274N-0576 データシート(PDF) 7 Page - GIACOMINI WATER E-MOTION |
|
|
|||||||||||||||||||||||||||||
R274-R274N-0576 データシート(HTML) 7 Page - GIACOMINI WATER E-MOTION |
|
7 / 8 page ![]() 7 Giacomini S.p.A. Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia consulenza.prodotti@giacomini.com +39 0322 923372 - giacomini.com Dimensions R274 (valves with flat seat tail pieces) PRODUCT CODE A B [mm] C [mm] D [mm] E [mm] F [mm] G [mm] H [mm] I L [mm] M [mm] N [mm] R274Y023 G 1/2”M 97 147 60 131 18 90 100 1 hole M6 90 108 59 R274Y024 G 3/4”M 96 145 60 131 18 90 100 1 hole M6 90 108 59 R274Y025 G 1”M 104 161 60 131 18 90 107 1 hole M6 90 108 59 N M B H C I B C I PRODUCT CODE A B [mm] C [mm] D [mm] E [mm] F [mm] G [mm] H [mm] I L [mm] M [mm] N [mm] R274Y033 G 1/2”M 51 68 45 100 18 90 59 2holesM4 90 108 59 R274Y133 G 1/2”M 51 68 45 100 18 90 59 2holesM4 90 108 59 R274Y045 G 1”M 67 87 60 131 18 90 70 1 hole M6 90 108 59 R274Y145 G 1”M 67 87 60 131 18 90 70 1 hole M6 90 108 59 R274N (valves without tail pieces) I B C H I C B N M |