| データシートサーチシステム |
|
ATH.-7/U データシート(PDF) 7 Page - JUMO UK LTD |
|
|
|||||||||||||||||||||||||||||
ATH.-7/U データシート(HTML) 7 Page - JUMO UK LTD |
|
7 / 10 page ![]() M. K. JUCHHEIM GmbH & Co • 36035 Fulda, Germany Data Sheet 60.3021 Page 7/10 10.03/00073225 Stock items with rigid stem Temperature controller (TR) (delivery 3 working days after receipt of order) Temperature monitor (TW) (delivery 3 working days after receipt of order) * model is being phased out Sales No. Type Control /limit range °C Differential % Process connection Immersion tube dia. x length mm 60/60001517 ATHs-1 –10 to + 40 3-4 U G1/2 8x200 60/60000139 ATHs-1 +20to + 50 1.5 U G1/2 15 x100 60/60000634 ATHs-1 +20to + 50 1.5 U G1/2 15 x100 CrNi 60/60000479 ATHs-1 +20to + 50 3-4 U G1/2 8x200 60/60000170* ATHs-1 +20to + 50 3-4 U G1/2 8x300 60/60000141 ATHs-1 +20 to + 90 6-8 U G1/2 15 x100 60/60000171 ATHs-1 +20 to + 90 3-4 U G1/2 8x150 60/60000172* ATHs-1 +20 to + 90 3-4 U G1/2 8x300 60/60000173 ATHs-1 +20 to +100 1.5 U G1/2 8x120 60/60000332 ATHs-1 +20 to +100 3-4 U G1/2 8x120 60/60001548 ATHs-1 +20 to +100 3-4 U G1/2 8 x120 CrNi 60/60001125 ATHs-1 +20 to +100 3-4 U G1/2 8x150 60/60000174 ATHs-1 +20 to +100 1.5 U G1/2 8x200 60/60001126 ATHs-1 +20 to +100 3-4 U G1/2 8x200 60/60000175 ATHs-1 +20 to +100 3-4 U G1/2 8x300 60/60001034 ATHs-1 +20 to +120 3-4 U G1/2 8x150 60/60000481 ATHs-1 +20 to +150 3-4 U G1/2 8x100 60/60001547 ATHs-1 +20 to +150 3-4 U G1/2 8 x100 CrNi 60/60001035 ATHs-1 +20 to +150 3-4 U G1/2 8x200 60/60001127 ATHs-1 +20 to +150 3-4 U G1/2 8x300 60/60001037 ATHs-1 +50 to +200 3-4 UZ G1/2 8x200 60/60001036 ATHs-1 +50 to +300 3-4 UZ G1/2 8x150 60/60002123 ATHs-1 +20 to +500 5 UZ G1/2 8x200 * model is being phased out Sales No. Type Control /limit range °C Differential % Process connection Immersion tube dia. x length mm 60/60001135 ATHs-2 –10 to + 40 3-4 U G1/2 8x200 60/60000960 ATHs-2 +20 to + 50 1.5 U G1/2 15 x100 60/60001549 ATHs-2 +20 to + 50 1.5 U G1/2 15 x100 CrNi 60/60001128 ATHs-2 +20 to + 50 3-4 U G1/2 8x200 60/60000176* ATHs-2 +20 to + 50 3-4 U G1/2 8x300 60/60000177 ATHs-2 +20 to + 90 1.5 U G1/2 15 x100 60/60000959 ATHs-2 +20 to + 90 6-8 U G1/2 15 x100 60/60001129 ATHs-2 +20 to + 90 3-4 U G1/2 8x150 60/60000178 ATHs-2 +20 to + 90 3-4 U G1/2 8x200 60/60000331 ATHs-2 +20 to +100 3-4 U G1/2 8x120 60/60001552 ATHs-2 +20 to +100 3-4 U G1/2 8 x120 CrNi 60/60000179 ATHs-2 +20 to +100 3-4 U G1/2 8x150 60/60001039 ATHs-2 +20 to +100 3-4 U G1/2 8x200 60/60001130 ATHs-2 +20 to +100 3-4 U G1/2 8x300 60/60001124 ATHs-2 +20 to +150 1.5 U G1/2 8x100 60/60000483 ATHs-2 +20 to +150 3-4 U G1/2 8x100 60/60001551 ATHs-2 +20 to +150 3-4 U G1/2 8 x100 CrNi 60/60000485 ATHs-2 +20 to +150 3-4 U G1/2 8x200 60/60001554 ATHs-2 +20 to +150 3-4 U G1/2 8 x200 CrNi 60/60000182 ATHs-2 +20 to +150 3-4 U G1/2 8x300 60/60000186 ATHs-2 +50 to +200 3-4 UZ G1/2 8x120 60/60001131 ATHs-2 +50 to +200 3-4 UZ G1/2 8x200 60/60000185* ATHs-2 +50 to +200 3-4 UZ G1/2 8x300 60/60001105 ATHs-2 +50 to +300 3-4 UZ G1/2 8x150 60/60001556 ATHs-2 +50 to +300 3-4 UZ G1/2 8 x150 CrNi 60/60002124 ATHs-2 +20 to +500 5 UZ G1/2 8x200 |