| データシートサーチシステム |
|
SN74LVC2GU04DBVT データシート(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2GU04DBVT データシート(HTML) 9 Page - Texas Instruments |
|
9 / 20 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 30-May-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant 74LVC2GU04DCKRG4 SC70 DCK 6 3000 178.0 9.2 2.4 2.4 1.22 4.0 8.0 Q3 74LVC2GU04DCKTG4 SC70 DCK 6 250 178.0 9.2 2.4 2.4 1.22 4.0 8.0 Q3 SN74LVC2GU04DBVR SOT-23 DBV 6 3000 178.0 9.2 3.3 3.23 1.55 4.0 8.0 Q3 SN74LVC2GU04DBVT SOT-23 DBV 6 250 178.0 9.2 3.3 3.23 1.55 4.0 8.0 Q3 SN74LVC2GU04DBVT SOT-23 DBV 6 250 180.0 8.4 3.23 3.17 1.37 4.0 8.0 Q3 SN74LVC2GU04DCKR SC70 DCK 6 3000 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 SN74LVC2GU04DCKT SC70 DCK 6 250 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 SN74LVC2GU04YZPR DSBGA YZP 6 3000 178.0 9.2 1.02 1.52 0.63 4.0 8.0 Q1 Pack Materials-Page 1 |